PART |
Description |
Maker |
1N5223BT50R 1N5231BTR 1N5231BT26A 1N5231BT50A 1N52 |
surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 16V, 0.5W Zener Diode 33V, 0.5W Zener Diode 12V, 0.5W Zener Diode 13V, 0.5W Zener Diode 10V, 0.5W Zener Diode 25V, 0.5W Zener Diode 22V, 0.5W Zener Diode 30V, 0.5W Zener Diode 15V, 0.5W Zener Diode 27V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 11V, 0.5W Zener Diode 6.0V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 8.7V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 3.6V, 0.5W Zener Diode 2.4V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 5.1V, 0.5W Zener Diode 2.7V, 0.5W Zener Diode 14V, 0.5W Zener Diode 18V, 0.5W Zener Diode 20V, 0.5W Zener Diode 24V, 0.5W Zener Diode 19V, 0.5W Zener Diode
|
Fairchild Semiconductor, Corp.
|
1N5270 1N5221 1N5230 1N5240 1N5250 1N5260 1N5230AD |
Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Zener Voltage Regulator Diode 齐纳稳压二极 Zener Voltage Regulator Diode 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode 16 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode 11 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode 17 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA SILICON 500 mW ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N957B ON0020 1N958B 1N968B 1N965B 1N963B 1N961B |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35灏??,10V榻?撼?靛?锛?????绾崇ǔ??????) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,15]V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,20V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) From old datasheet system
|
ON Semiconductor
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
1N5226B 1N5242B 1N5241B 1N5253B 1N5244B 1N5248B 1N |
Leaded Zener Diode General Purpose 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 140 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 FKC 2.5/2-STF ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL/ 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500ML, 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL 5% TOLERANCE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
1N4099-1 1N4626 JANTX1N4627 JANTX1N4100-1 JANTX1N4 |
SILICON 500mA LOW NOISE ZENER DIODES surface mount silicon Zener diodes 28 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH surface mount silicon Zener diodes 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH surface mount silicon Zener diodes 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH surface mount silicon Zener diodes 11 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH surface mount silicon Zener diodes 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Voltage Regulator Diode 87 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Voltage Regulator Diode 75 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Voltage Regulator Diode 22 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Voltage Regulator Diode 91 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Zener Voltage Regulator Diode 100 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 SPC 16/ 4-ST-10,16 MC 1,5/ 4-GF-3,81-BK SILICON 400mA LOW NOISE ZENER DIODES
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
1PMT5920BT1 1PMT5920BT3 1PMT5941BT3 1PMT5920B 1PMT |
3.2 Watt Plastic Surface Mount POWERMITE Package 3.2 Watt Plastic Surface Mount POWERMITE Package 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 16V 3.2W Zener Diode 6.8V 3.2W Zener Diode 7.5V 3.2W Zener Diode 8.2V 3.2W Zener Diode 9.1V 3.2W Zener Diode 10V 3.2W Zener Diode 12V 3.2W Zener Diode 18V 3.2W Zener Diode 47V 3.2W Zener Diode 27V 3.2W Zener Diode 22V 3.2W Zener Diode 24V 3.2W Zener Diode 30V 3.2W Zener Diode 39V 3.2W Zener Diode 3.2 Watt Plastic Surface Mount POWERMITE? Package
|
ONSEMI[ON Semiconductor]
|
1N5238B-TP 1N5242B-TP 1N5257B-TP 1N5230B-TP 1N5234 |
DIODE ZENER 500MW 8.7V DO35 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 12V DO35 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 33V DO35 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 4.7V DO35 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 6.2V DO35 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 5.6V DO35 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 DIODE ZENER 500MW 24V DO35 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW Zener Diode 2.4 to 75 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
|